Part Number Hot Search : 
T0816 BCM5365P 222MA BUXD87T 1005F XXX0C TPA240 UPD3798
Product Description
Full Text Search
 

To Download 3DD13002-TO-251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-251 Plastic-Encapsulate Transistors
3DD13002
TRANSISTORNPN (c)
TO 251
FEATURES Power dissipation PCM : 1.25 W Tamb=25ae(c) Collector current ICM : 1 A Collector-base voltage V(BR)CBO : 600 V Operating and storage junction temperature range T J T stg: -55aeto +150ae ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(c) 1 DC current gain hFE(c) 2 Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Fall time Storage time VCE(sat) VBE(sat) fT tf ts
1.BASE 2.COLLECTOR 3.EMITTER
1
2
3
unless
Test
otherwise
specified(c)
TYP MAX UNIT V V V 100 100 9 5 0.8 1.1 5 0.5 2.5 V V MHz s s 40 A A
conditions
MIN 600 400 6
Ic= 100|I AIE=0 Ic= 1 mA IB=0
IE= 100|I AIC=0 VCB= 600 VEB= 6 VIE=0 VIC=0
VCE= 10 V, IC= 200 m A VCE= 10 V, IC=250 A IC=200m A, IB= 40 m A IC=200mA, IB= 40 m A VCE=10V, f =1MHz IC=1A, I 1=-IB2=0.2A B Ic=100mA
VCC=100V
CLASSIFICATION OF hFE(2)
Rank Range 9-15 15-20 20-25 25-30 30-35 35-40
TO-251 PACKAGE OUTLINE DIMENSIONS
D D1 C1
A
B
b1 b L e e1
E
A1
C
Symbol A A1 B b b1 c c1 D D1 E e e1 L
Dimensions In Millimeters Min 2.200 1.020 1.350 0.500 0.700 0.430 0.430 6.350 5.200 5.400 2.300TYP 4.500 7.500 4.700 7.900 Max 2.400 1.270 1.650 0.700 0.900 0.580 0.580 6.650 5.400 5.700 Min
Dimensions In Inches Max 0.094 0.050 0.065 0.028 0.035 0.023 0.023 0.262 0.213 0.224 0.091TYP 0.177 0.295 0.185 0.311 0.087 0.040 0.053 0.020 0.028 0.017 0.017 0.250 0.205 0.213


▲Up To Search▲   

 
Price & Availability of 3DD13002-TO-251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X